Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE16204 Datasheet (PDF) - Motorola, Inc

MJE16204 Datasheet PDF - Motorola, Inc
Part # MJE16204
Download  MJE16204 Download
File Size   276.28 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 6.0 AMPERES 550 VOLTS-. VCES 45 AND 80 WATTS

MJE16204 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE16204 Datasheet PDF - Motorola, Inc

Part # MJE16204
Download  MJE16204 Click to download

File Size   276.28 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 6.0 AMPERES 550 VOLTS-. VCES 45 AND 80 WATTS

MJE16204 Datasheet (HTML) - Motorola, Inc


MJE16204 Product details

SCANSWITCH NPN Bipolar Power Deflection Transistor
For High and Very High Resolution Monitors

The MJE16204 is a state–of–the–art SWITCHMODE bipolar power transistor. It is specifically designed for use in horizontal deflection circuits for 20 mm diameter neck, high and very resolution, full page, monochrome monitors.

• 550 Volt Collector–Base Breakdown Capability
• Typical Dynamic Desaturation Specified (New Turn–Off Characteristic)
• Application Specific State–of–the–Art Die Design
• Isolated or Non–Isolated TO–220 Type Packages
• Fast Switching:
    65 ns Inductive Fall Time (Typ)
    680 ns Inductive Storage Time (Typ)
• Low Saturation Voltage:
    0.4 Volts at 3.0 Amps Collector Current and 400 mA Base Drive
• Low Collector–Emitter Leakage Current — 100 µA Max at 550 Volts — VCES
• High Emitter–Base Breakdown Capability For High Voltage Off Drive Circuits — 9.0 Volts (Min)
• Case 221D is UL Recognized at 3500 VRMS: File #E69369




Similar Part No. - MJE16204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE16204 ONSEMI-MJE16204 Datasheet
127Kb / 12P
NPN Bipolar Power Deflection Transistor
April, 2001 ??Rev. 2
More results


Similar Description - MJE16204

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
MJL16218 MOTOROLA-MJL16218 Datasheet
157Kb / 8P
POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS
MJW16206 MOTOROLA-MJW16206 Datasheet
342Kb / 10P
POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com