Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4618 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4618 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4618
Download  AO4618 Download
File Size   1175.9 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V Complementary MOSFET

AO4618 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4618 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4618
Download  AO4618 Click to download

File Size   1175.9 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V Complementary MOSFET

AO4618 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4618 Product details

General Description

The AO4618 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This complementary N and P channel MOSFET configuration is ideal for low Input Voltage inverter applications.



Product Summary

N-Channel                P-Channel

VDS= 40V                -40V

ID= 8A (VGS=10V)     -7A (VGS=-10V)

RDS(ON)                  RDS(ON)

< 19mΩ(VGS=10V)    < 23mΩ(VGS=-10V)

< 27mΩ(VGS=4.5V)    < 30mΩ(VGS=-4.5V)

100% UIS Tested        100% UIS Tested

100% Rg Tested         100% Rg Tested




Similar Part No. - AO4618

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4618 VBSEMI-AO4618 Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4618 DOINGTER-AO4618 Datasheet
3Mb / 9P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
Guangdong Kexin Industr...
AO4618-HF KEXIN-AO4618-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
More results


Similar Description - AO4618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
NOVEMBER 2004
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
NOVEMBER 2004
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
40V Complementary Enhancement Mode MOSFET
VER 1.2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com