Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8010 Datasheet (PDF) - Analog Devices

AD8010 Datasheet PDF - Analog Devices
Part # AD8010
Download  AD8010 Download
File Size   164.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 mA Output Current High Speed Amplifier

AD8010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8010 Datasheet PDF - Analog Devices

Part # AD8010
Download  AD8010 Click to download

File Size   164.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 mA Output Current High Speed Amplifier

AD8010 Datasheet (HTML) - Analog Devices


AD8010 Product details

PRODUCT DESCRIPTION
The AD8010 is a low power, high current amplifier capable of delivering a minimum load drive of 175 mA. Signal performance such as 0.02% and 0.03° differential gain and phase error is maintained while driving eight 75 Ω back terminated video lines.
   
FEATURES
    200 mA of Output Current
    9 Ω Load
    SFDR –54 dBc @ 1 MHz
    Differential Gain Error 0.04%, f = 4.43 MHz
    Differential Phase Error 0.06°, f = 4.43 MHz
    Maintains Video Specifications Driving Eight Parallel
    75 Ω Loads
        0.02% Differential Gain
        0.03° Differential Phase
    0.1 dB Gain Flatness to 60 MHz
    THD –72 dBc @ 1 MHz, RL = 18.75 Ω
    IP3 42 dBm @ 5 MHz, RL = 18.75 Ω
    1 dB Gain Compression 21 dBm @ 5 MHz, RL = 100 Ω
    230 MHz –3 dB Bandwidth, G = +1, RL = 18.75 Ω
    800 V/μs Slew Rate, RL = 18.75 Ω
    25 ns Settling Time to 0.1%
    Available in 8-Lead DIP, 16-Lead Wide Body SOIC and
    Thermally Enhanced 8-Lead SOIC
   
APPLICATIONS
    Video Distribution Amplifier
    VDSL, xDSL Line Driver
    Communications
    ATE
    Instrumentation
   




Similar Part No. - AD8010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010 AD-AD8010 Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
AD8010AN AD-AD8010AN Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
AD8010AR AD-AD8010AR Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
AD8010AR-16 AD-AD8010AR-16 Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
AD8010AR-16-REEL AD-AD8010AR-16-REEL Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
More results


Similar Description - AD8010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017 Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
High Output Current High Speed Dual Operational Amplifier
logo
Analog Devices
AD8010_2000 AD-AD8010_2000 Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com