Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8011 Datasheet (PDF) - Analog Devices

AD8011 Datasheet PDF - Analog Devices
Part # AD8011
Download  AD8011 Download
File Size   219.75 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300 MHz, 1 mA Current Feedback Amplifier

AD8011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8011 Datasheet PDF - Analog Devices

Part # AD8011
Download  AD8011 Click to download

File Size   219.75 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300 MHz, 1 mA Current Feedback Amplifier

AD8011 Datasheet (HTML) - Analog Devices


AD8011 Product details

PRODUCT DESCRIPTION
The AD8011 is a very low power, high speed amplifier designed to operate on +5 V or ± 5 V supplies. With wide bandwidth, low distortion, and low power, this device is ideal as a general-purpose amplifier. It also can be used to replace high speed amplifiers consuming more power.
   
FEATURES
    Easy to Use
        Low Power
        1 mA Power Supply Current (5 mW on 5 VS)
    High Speed and Fast Settling on 5 V
        300 MHz, –3 dB Bandwidth (G = +1)
        180 MHz, –3 dB Bandwidth (G = +2)
        2000 V/μs Slew Rate
        29 ns Sμttling Time to 0.1%
    Good Video Specifications (RL = 1 k, G = +2)
        Gain Flatness 0.1 dB to 25 MHz
        0.02% Differential Gain Error
        0.06° Differential Phase Error
    Low Distortion
        –70 dBc Worst Harmonic @ 5 MHz
        –62 dBc Worst Harmonic @ 20 MHz
    Single Supply Operation
        Fully Specified for 5 V Supply
   
APPLICATIONS
    Power Sensitive, High Speed Systems
    Video Switchers
    Distribution Amplifiers
    A-to-D Driver
    Professional Cameras
    CCD Imaging Systems
    Ultrasound Equipment (Multichannel)
   




Similar Part No. - AD8011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
267Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011AN AD-AD8011AN Datasheet
267Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011AN AD-AD8011AN Datasheet
436Kb / 17P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011AR AD-AD8011AR Datasheet
267Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
More results


Similar Description - AD8011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
70 MHz/1 mA Current Mode Feedback Amplifiers
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
300 MHz Current Feedback Amplifier
REV. C
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com