Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPDM7002AE Datasheet (PDF) - Central Semiconductor Corp

CMPDM7002AE Datasheet PDF - Central Semiconductor Corp
Part # CMPDM7002AE
Download  CMPDM7002AE Download
File Size   1324.66 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 60V, 300mA N-Channel MOSFET in SOT-23 package

CMPDM7002AE Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPDM7002AE Datasheet PDF - Central Semiconductor Corp

Part # CMPDM7002AE
Download  CMPDM7002AE Click to download

File Size   1324.66 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 60V, 300mA N-Channel MOSFET in SOT-23 package

CMPDM7002AE Datasheet (HTML) - Central Semiconductor Corp


CMPDM7002AE Product details

Central Semiconductor’s CMPDM7002AE is a special ESD protected version of the 2N7002 enhancement-mode N-channel MOSFET designed for high speed pulsed amplifier and driver applications.

Features:
• ESD protection up to 1800V
• 350mW power dissipation
• Low gate charge
• Low rDS(ON)

Applications:
• Load/Power switches
• DC-DC converter circuits
• Power management

Benefits:
• Energy efficiency
• Enhanced electrical specifications




Similar Part No. - CMPDM7002AE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM7002AE_1310 CENTRAL-CMPDM7002AE_1310 Datasheet
791Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM7002AE CENTRAL-CMPDM7002AE_15 Datasheet
791Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Similar Description - CMPDM7002AE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM7002AHC CENTRAL-CMPDM7002AHC Datasheet
1Mb / 2P
60V, 1.0A High Current N-Channel MOSFET in SOT-23 package
logo
Foshan Blue Rocket Elec...
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
2SK3018 FOSHAN-2SK3018 Datasheet
1Mb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com