Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8014 Datasheet (PDF) - Analog Devices

AD8014 Datasheet PDF - Analog Devices
Part # AD8014
Download  AD8014 Download
File Size   149.2 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz Low Power High Performance Amplifier

AD8014 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8014 Datasheet PDF - Analog Devices

Part # AD8014
Download  AD8014 Click to download

File Size   149.2 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz Low Power High Performance Amplifier

AD8014 Datasheet (HTML) - Analog Devices


AD8014 Product details

PRODUCT DESCRIPTION
The AD8014 is a revolutionary current feedback operational amplifier that attains new levels of combined bandwidth, power, output drive and distortion. Analog Devices, Inc. uses a proprietary circuit architecture to enable the highest performance amplifier at the lowest power. Not only is it technically superior, but is low priced, for use in consumer electronics. This general purpose amplifier is ideal for a wide variety of applications including battery operated equipment.

FEATURES
   Low Cost
   Low Power: 1.15 mA Max for 5 V Supply
   High Speed
      400 MHz, –3 dB Bandwidth (G = +1)
      4000 V/μs Slew Rate
   60 ns Overload Recovery
   Fast Settling Time of 24 ns
   Drive Video Signals on 50 V Lines
   Very Low Noise
      3.5 nV/√Hz and 5 pA/√Hz
      5 nV/√Hz Total Input Referred Noise @ G = +3 w/500 Ω
         Feedback Resistor
   Operates on +4.5 V to +12 V Supplies
   Low Distortion –70 dB THD @ 5 MHz
   Low, Temperature-Stable DC Offset
   Available in SOIC-8 and SOT-23-5

APPLICATIONS
   Photo-Diode Preamp
   Professional and Portable Cameras
   Hand Sets
   DVD/CD
   Handheld Instruments
   A-to-D Driver
   Any Power-Sensitive High Speed System




Similar Part No. - AD8014

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8014 AD-AD8014 Datasheet
472Kb / 28P
18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD8014 AD-AD8014 Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
Rev. C
AD8014AR AD-AD8014AR Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
AD8014AR AD-AD8014AR Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
Rev. C
AD8014AR-REEL7 AD-AD8014AR-REEL7 Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
More results


Similar Description - AD8014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0025 MACOM-MAALSS0025 Datasheet
226Kb / 4P
High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
Analog Devices
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Analog Devices
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
AD8014ARZ AD-AD8014ARZ Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
AD8014 AD-AD8014_15 Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com