Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB1815-T3 Datasheet (PDF) - Abracon Corporation

AB1815-T3 Datasheet PDF - Abracon Corporation
Part # AB1815-T3
Download  AB1815-T3 Download
File Size   1407.68 Kbytes
Page   13 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.

AB1815-T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AB1815-T3 Datasheet PDF - Abracon Corporation

Part # AB1815-T3
Download  AB1815-T3 Click to download

File Size   1407.68 Kbytes
Page   13 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.

AB1815-T3 Datasheet (HTML) - Abracon Corporation


AB1815-T3 Product details

Description
The ABRACON AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set. With power requirements significantly lower than any other industry RTC (as low as 14 nA), these are the first semiconductors based on innovative SPOTTM (Subthreshold Power Optimized Technology) CMOS platform.

Features
• Ultra-low supply current (all at 3V):
    - 14 nA with RC oscillator
    - 22 nA with RC oscillator and Autocalibration
    - 55 nA with crystal oscillator
• Baseline timekeeping features:
    - 32.768 kHz crystal oscillator with integrated load capacitor/resistor
    - Counters for hundredths, seconds, minutes, hours, date, month, year, century, and weekday
    - Alarm capability on all counters
    - Programmable output clock generation (32.768 kHz to 1 year)
    - Countdown timer with repeat function
    - Automatic leap year calculation
• Advanced timekeeping features:
    - Integrated power optimized RC oscillator
    - Advanced crystal calibration to ± 2 ppm
    - Advanced RC calibration to ± 16 ppm
    - Automatic calibration of RC oscillator to crystal oscillator
    - Watchdog timer with hardware reset
    - Up to 256 bytes of general purpose RAM
• Power management features:
    - Integrated ~1Ω power switch for off-chip components such as a host MCU
    - System sleep manager for managing host processor wake/sleep states
    - External reset signal monitor
    - Reset output generator
    - Supercapacitor trickle charger with programmable charging current
    - Automatic switchover to VBAT
    - External interrupt monitor
    - Programmable low battery detection threshold
    - Programmable analog voltage comparator
• I2C (up to 400 kHz) and 3-wire or 4-wire SPI (up to 2 MHz) serial interfaces available
• Operating voltage 1.5-3.6 V
• Clock and RAM retention voltage 1.5-3.6 V
• Operating temperature –40 to 85 °C
• All inputs include Schmitt Triggers
• 3x3 mm QFN-16 package

Applications
• Smart cards
• Wireless sensors and tags
• Medical electronics
• Utility meters
• Data loggers
• Appliances
• Handsets
• Consumer electronics
• Communications equipment




Similar Part No. - AB1815-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB1815-T3 ABRACON-AB1815-T3 Datasheet
655Kb / 37P
Real-Time Clock with Power
Revision: C
AB1815-T3 ABRACON-AB1815-T3 Datasheet
655Kb / 37P
Baseline timekeeping features
Revision: C
More results


Similar Description - AB1815-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB08XX ABRACON-AB08XX Datasheet
1Mb / 12P
The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
A real-time clock is a computer clock that keeps track of the current time
21-Nov-2012
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
Ultra-Low-Power Real Time Clock
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
Real-Time Clock with Power
Revision: C
logo
Maxim Integrated Produc...
MAX31341B MAXIM-MAX31341B Datasheet
750Kb / 30P
Low-Current, Real-Time Clock with I2C Interface and Power Management
19-100537; Rev 4; 3/20
logo
Analog Devices
MAX31331 AD-MAX31331 Datasheet
1Mb / 49P
Ultra-Low-Power, I2C Real-Time Clock and Power Management
19-101203; Rev 1; 4/22
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com