Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4830 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4830 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4830
Download  AO4830 Download
File Size   188.45 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V Dual N-Channel MOSFET

AO4830 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4830 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4830
Download  AO4830 Click to download

File Size   188.45 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V Dual N-Channel MOSFET

AO4830 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4830 Product details

General Description
The AO4830 uses advanced trench technology to provide excellent RDS(ON) and low gate charge . This device is suitable for use as a load switch or in PWM applications.

Product Summary
    VDS (V) = 80V
    ID = 3.5A (VGS = 10V)
    RDS(ON) < 75mΩ (VGS = 10V)

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AO4830

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4830 KEXIN-AO4830 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4830-HF KEXIN-AO4830-HF Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4830L AOSMD-AO4830L Datasheet
147Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3812 FAIRCHILD-FDS3812 Datasheet
86Kb / 5P
80V N-Channel Dual PowerTrench MOSFET
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
80V N-Channel Dual PowerTrench MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com