Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9N12 Datasheet (PDF) - ATMEL Corporation

SAM9N12 Datasheet PDF - ATMEL Corporation
Part # SAM9N12
Download  SAM9N12 Download
File Size   9230.55 Kbytes
Page   1137 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description The ARM926EJ-S based SAM9CN12 features the frequently requested combination of user...

SAM9N12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM9N12 Datasheet PDF - ATMEL Corporation

Part # SAM9N12
Download  SAM9N12 Click to download

File Size   9230.55 Kbytes
Page   1137 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description The ARM926EJ-S based SAM9CN12 features the frequently requested combination of user...

SAM9N12 Datasheet (HTML) - ATMEL Corporation


SAM9N12 Product details

Description
Based on the ARM926EJ-S™ processor, the Atmel® SAM9N12/CN11/CN12 devices offer the frequently-requested combination of user interface functionality and high data rate connectivity, with LCD Controller, resistive touch-screen, multiple UARTs, SPI, I2C, full-speed USB Host and Device and SDIO. The SAM9N12/CN11/CN12 support the latest generation of LPDDR/DDR2 and NAND Flash memory interfaces for program and data storage. An internal 133 MHz multi layer bus architecture associated with eight DMA channels and distributed memory – including a 32-Kbyte SRAM – sustains the high bandwidth required by the processor and the high-speed peripherals.




Similar Part No. - SAM9N12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9N12 ATMEL-SAM9N12_14 Datasheet
1Mb / 42P
One 128-Kbyte internal ROM embedding bootstrap routine
More results


Similar Description - SAM9N12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
ARM926EJ-S BASED MICROCONTROLLER
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
ATMEL Corporation
AT91SAM9G10 ATMEL-AT91SAM9G10_14 Datasheet
717Kb / 39P
Incorporates the ARM926EJ-S ARM Thumb Processor
AT91SAM9G20 ATMEL-AT91SAM9G20_14 Datasheet
957Kb / 42P
Incorporates the ARM926EJ-S ARM Thumb Processor
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
Incorporates the ARM926EJ-S ARM Thumb Processor
logo
STMicroelectronics
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
This user manual describes the features of the eMotion Kit
30-Nov-2006
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
32-BIT ARM926EJ-S BASED MCU
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com