Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8024 Datasheet (PDF) - Analog Devices

AD8024 Datasheet PDF - Analog Devices
Part # AD8024
Download  AD8024 Download
File Size   164.42 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 350 MHz 24 V Amplifier

AD8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8024 Datasheet PDF - Analog Devices

Part # AD8024
Download  AD8024 Click to download

File Size   164.42 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 350 MHz 24 V Amplifier

AD8024 Datasheet (HTML) - Analog Devices


AD8024 Product details

PRODUCT DESCRIPTION
The AD8024 is a low settling time, high-speed, high output voltage quad current feedback operational amplifier. Manufactured on ADI’s proprietary XFHV high-speed bipolar process, the AD8024 is capable of driving to within 1.3 V of its 24 V supply rail. Each amplifier has high-output current capability and can drive high capacitive loads.
   
FEATURES
    Quad High-Speed Current Feedback Amplifier
        with Disable
        –3 dB Bandwidth 350 MHz @ G = +1
        Slew Rate 2400 V/μs, VS = 12 V
    Drives High Capacitive Loads
        Settling Time to 0.1% in 35 ns; 300 pF Load, 6 V Step
        Settling Time to 0.1% in 18 ns; 5 pF Load, 2 V Step
    Low Power
        Operates on +5 V to 12 V (24 V)
        4 mA/Amplifier Supply Current
    Excellent Video Specs (RL = 150 Ω, G = +2)
        Gain Flatness 0.1 dB to 70 MHz
        0.04% Differential Gain
        0.09° Differential Phase
    Crosstalk –58 dB @ 5 MHz
    THD –72 dBc @ 5 MHz
    Outstanding DC Accuracy
        VOFFSET is 2 mV (Typ)
        IBIAS is 3 μA (Max)
    16-Lead SOIC Package
   
APPLICATIONS
    LCD Column Drivers
    High-Performance Test Equipment
    Video Line Driver
    ATE
   




Similar Part No. - AD8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024 Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
AD8024AR AD-AD8024AR Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
AD8024AR-REEL AD-AD8024AR-REEL Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
AD8024AR-REEL7 AD-AD8024AR-REEL7 Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
logo
Emerson Network Power
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
More results


Similar Description - AD8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012 AD-AD8012 Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
11-Mar-2008
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
Quad 350 MHz 24 V Amplifier
REV. C
AD8024 AD-AD8024_16 Datasheet
186Kb / 13P
Quad 350 MHz 24 V Amplifier
Rev. C
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
20-Watt 350-450 MHz Amplifier
4/8/11
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com