Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4924 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4924 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4924
Download  AO4924 Download
File Size   262.1 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Asymmetric Dual N-Channel MOSFET

AO4924 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4924 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4924
Download  AO4924 Click to download

File Size   262.1 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Asymmetric Dual N-Channel MOSFET

AO4924 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4924 Product details

General Description
The AO4924 uses advanced trench technology to provide excellent R DS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A monolithically integrated Schottky diode in parallel with the synchronous MOSFET to boost efficiency further.

Product Summary
   FET1                          FET2
   VDS (V) = 30V            VDS(V) = 30V
   ID = 9A                      ID=7.3A (VGS = 10V)
   RDS(ON) < 15.8mΩ    <24mΩ (VGS = 10V)
   RDS(ON) < 19.5mΩ    <29mΩ (VGS = 4.5V)

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4924

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4924 KEXIN-AO4924 Datasheet
2Mb / 8P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4924 VBSEMI-AO4924 Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
More results


Similar Description - AO4924

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
Asymmetric Dual N-Channel MOSFET
AO4932 AOSMD-AO4932_11 Datasheet
503Kb / 9P
Asymmetric Dual N-Channel MOSFET
AO4940 AOSMD-AO4940_12 Datasheet
345Kb / 7P
Asymmetric Dual N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
30V Dual Asymmetric N-Channel MOSFET
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com