Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8055 Datasheet (PDF) - Analog Devices

AD8055 Datasheet PDF - Analog Devices
Part # AD8055
Download  AD8055 Download
File Size   207.14 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 300 MHz Voltage Feedback Amplifiers

AD8055 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8055 Datasheet PDF - Analog Devices

Part # AD8055
Download  AD8055 Click to download

File Size   207.14 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 300 MHz Voltage Feedback Amplifiers

AD8055 Datasheet (HTML) - Analog Devices


AD8055 Product details

GENERAL DESCRIPTION

The AD8055 (single) and AD8056 (dual) voltage feedback amplifiers offer bandwidth and slew rate typically found in current feedback amplifiers. Additionally, these amplifiers are easy to use and available at a very low cost.

Despite their low cost, the AD8055 and AD8056 provide excellent overall performance. For video applications, their differential gain and phase error are 0.01% and 0.02° into a 150 Ω load and 0.02% and 0.1° while driving four video loads (37.50 Ω).



FEATURES

  Low cost single (AD8055) and dual (AD8056)

  Easy-to-use voltage feedback architecture

  High speed

     300 MHz, −3 dB bandwidth (G = +1)

     1400 V/μs slew rate

     20 ns settling to 0.1%

     Low distortion: −72 dBc @ 10 MHz

     Low noise: 6 nV/√Hz

     Low dc errors: 5 mV max VOS, 1.2 μA max IB

  Small packaging

     AD8055 available in 5-lead SOT-23

     AD8056 available in 8-lead MSOP

  Excellent video specifications (RL = 150 Ω, G = +2)

     Gain flatness 0.1 dB to 40 MHz

     0.01% differential gain error

     0.02° differential phase error

     Drives 4 video loads (37.5 V) with 0.02% differential

     Gain and 0.1° differential phase

  Low power, ±5 V supplies 5 mA typ/amplifier power supply current

  High output drive current: over 60 mA



APPLICATIONS

  Imaging

  Photodiode preamps

  Video line drivers

  Differential line drivers

  Professional cameras

  Video switchers

  Special effects

  A-to-D drivers

  Active filters



 




Similar Part No. - AD8055

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055AN AD-AD8055AN Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055AN AD-AD8055AN Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ANZ AD-AD8055ANZ Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ANZ AD-AD8055ANZ Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results


Similar Description - AD8055

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057 AD-AD8057 Datasheet
184Kb / 14P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV.A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com