Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6801A Datasheet (PDF) - Alpha & Omega Semiconductors

AO6801A Datasheet PDF - Alpha & Omega Semiconductors
Part # AO6801A
Download  AO6801A Download
File Size   336.64 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual P-Channel MOSFET

AO6801A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6801A Datasheet PDF - Alpha & Omega Semiconductors

Part # AO6801A
Download  AO6801A Click to download

File Size   336.64 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual P-Channel MOSFET

AO6801A Datasheet (HTML) - Alpha & Omega Semiconductors


AO6801A Product details

General Description
The AO6801A uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications.

Product Summary
   VDS                                     -30V
   ID (at VGS=-10V)                 -2.3A
   RDS(ON) (at VGS =-10V)  < 115mΩ
   RDS(ON) (at VGS =-4.5V) < 150mΩ
   RDS(ON) (at VGS =-2.5V) < 200mΩ




Similar Part No. - AO6801A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A KEXIN-AO6801A Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO6801A VBSEMI-AO6801A Datasheet
1Mb / 9P
Dual P-Channel 20 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results


Similar Description - AO6801A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
30V Dual P-Channel MOSFET
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
30V Dual P-Channel MOSFET
SSF3637 GOOD-ARK-SSF3637_15 Datasheet
423Kb / 4P
30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com