Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR20005CT Datasheet (PDF) - Naina Semiconductor ltd.

MUR20005CT Datasheet PDF - Naina Semiconductor ltd.
Part # MUR20005CT
Download  MUR20005CT Download
File Size   139.18 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Super Fast Recovery Diode, 200A

MUR20005CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR20005CT Datasheet PDF - Naina Semiconductor ltd.

Part # MUR20005CT
Download  MUR20005CT Click to download

File Size   139.18 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Super Fast Recovery Diode, 200A

MUR20005CT Datasheet (HTML) - Naina Semiconductor ltd.


MUR20005CT Product details

Features
• Dual Diode Construction
• Low Leakage Current
• Low forward voltage drop
• High surge current capability
• Super Fast Switching




Similar Part No. - MUR20005CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR20005CT MCC-MUR20005CT Datasheet
135Kb / 3P
200 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
logo
America Semiconductor, ...
MUR20005CT AMERICASEMI-MUR20005CT Datasheet
405Kb / 2P
HIGH POWER- SUPER FAST RECTIFIERS
logo
GeneSiC Semiconductor, ...
MUR20005CT GENESIC-MUR20005CT Datasheet
391Kb / 3P
Silicon Super Fast Recovery Diode
MUR20005CT GENESIC-MUR20005CT Datasheet
694Kb / 3P
Silicon Super Fast Recovery Diode
logo
America Semiconductor, ...
MUR20005CTR AMERICASEMI-MUR20005CTR Datasheet
405Kb / 2P
HIGH POWER- SUPER FAST RECTIFIERS
More results


Similar Description - MUR20005CT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D200LC40B SHINDENGEN-D200LC40B Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(400V 200A)
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
logo
Naina Semiconductor ltd...
MUR20040CT NAINA-MUR20040CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 200A
logo
Rohm
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
MH2209WZ ROHM-MH2209WZ Datasheet
1Mb / 4P
1200V 200A Fast Recovery Diode
2021.08 - Rev.A
logo
Renesas Technology Corp
RJU65F28DWA RENESAS-RJU65F28DWA Datasheet
222Kb / 5P
650V - 200A - Fast Recovery Diode Application: Inverter
Apr.10.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com