Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB12N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB12N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB12N50
Download  AOB12N50 Download
File Size   262.85 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 12A N-Channel MOSFET

AOB12N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB12N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB12N50
Download  AOB12N50 Click to download

File Size   262.85 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 12A N-Channel MOSFET

AOB12N50 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB12N50 Product details

General Description

The AOT12N50 & AOB12N50 & AOTF12N50 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline powersupply designs.



VDS       600V@150℃

ID(at VGS=10V) 12A

RDS(ON) (at VGS=10V) < 0.52Ω




Similar Part No. - AOB12N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB12N50 AOSMD-AOB12N50 Datasheet
439Kb / 6P
500V, 12A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB12N50 ISC-AOB12N50 Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB12N50 VBSEMI-AOB12N50 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
500V, 12A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOB12N50L VBSEMI-AOB12N50L Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - AOB12N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 12A, 450V/500V
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
N-Channel MOSFET 500V, 12A, 0.54廓
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
500V, 12A N-Channel MOSFET
logo
Unisonic Technologies
12N50_1112 UTC-12N50_1112 Datasheet
167Kb / 6P
12A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
N-Channel MOSFET 500V, 12A, 0.54廓
logo
Alpha & Omega Semicondu...
AOW12N50 AOSMD-AOW12N50 Datasheet
287Kb / 6P
500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
500V, 12A N-Channel MOSFET
logo
First Components Intern...
FMDT12N500 FCI-FMDT12N500 Datasheet
188Kb / 5P
12A 500V N-Channel Polar HVTM Power MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com