Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD817 Datasheet (PDF) - Analog Devices

AD817 Datasheet PDF - Analog Devices
Part # AD817
Download  AD817 Download
File Size   322.43 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Wide Supply Range Amplifier

AD817 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD817 Datasheet PDF - Analog Devices

Part # AD817
Download  AD817 Click to download

File Size   322.43 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Wide Supply Range Amplifier

AD817 Datasheet (HTML) - Analog Devices


AD817 Product details

PRODUCT DESCRIPTION
The AD817 is a low cost, low power, single/dual supply, high speed op amp which is ideally suited for a broad spectrum of signal conditioning and data acquisition applications. This breakthrough product also features high output current drive capability and the ability to drive an unlimited capacitive load while still maintaining excellent signal integrity.
The AD817 is fully specified for operation with a single +5 V power supply and with dual supplies from ±5 V to ±15 V. This power supply flexibility, coupled with a very low supply current of 7.5 mA and excellent ac characteristics under all power supply conditions, make the AD817 the ideal choice for many demanding yet power sensitive applications.
In applications such as ADC buffers and line drivers the AD817 simplifies the design task with its unique combination of a 50 mA minimum output current and the ability to drive unlimited capacitive loads.
The AD817 is available in 8-pin plastic mini-DIP and SOIC packages.

FEATURES
   Low Cost
   High Speed
      50 MHz Unity Gain Bandwidth
      350 V/ms Slew Rate
      45 ns Settling Time to 0.1% (10 V Step)
   Flexible Power Supply
      Specified for Single (+5 V) and
         Dual (65 V to 615 V) Power Supplies
      Low Power: 7.5 mA max Supply Current
   High Output Drive Capability
      Drives Unlimited Capacitive Load
      50 mA Minimum Output Current
   Excellent Video Performance
      70 MHz 0.1 dB Bandwidth (Gain = +1)
      0.04% & 0.088 Differential Gain & Phase Errors
         @ 3.58 MHz
   Available in 8-Pin SOIC and 8-Pin Plastic Mini-DIP




Similar Part No. - AD817

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
208Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
AD8170-EB AD-AD8170-EB Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
AD8170-EB AD-AD8170-EB Datasheet
476Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170AN AD-AD8170AN Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
More results


Similar Description - AD817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR-REEL AD-AD817AR-REEL Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ANZ AD-AD817ANZ Datasheet
208Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com