Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822 Datasheet (PDF) - Analog Devices

AD822 Datasheet PDF - Analog Devices
Part # AD822
Download  AD822 Download
File Size   320.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply, Rail-to-Rail Low Power FET-Input Op Amp

AD822 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD822 Datasheet PDF - Analog Devices

Part # AD822
Download  AD822 Click to download

File Size   320.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply, Rail-to-Rail Low Power FET-Input Op Amp

AD822 Datasheet (HTML) - Analog Devices


AD822 Product details

GENERAL DESCRIPTION

The AD822 is a dual precision, low power FET input op amp that can operate from a single supply of 3.0 V to 36 V or dual supplies of ±1.5 V to ±18 V. It has true single-supply capability with an input voltage range extending below the negative rail, allowing the AD822 to accommodate input signals below ground in the single-supply mode. Output voltage swing extends to within 10 mV of each rail, providing the maximum

output dynamic range.



FEATURES

True single-supply operation

  Output swings rail-to-rail

  Input voltage range extends below ground

  Single-supply capability from 3 V to 36 V

  Dual-supply capability from ±1.5 V to ±18 V

High load drive

  Capacitive load drive of 350 pF, G = +1

  Minimum output current of 15 mA

Excellent ac performance for low power

  800 μA maximum quiescent current per amplifier

  Unity gain bandwidth: 1.8 MHz

  Slew rate of 3.0 V/μs

Good dc performance

  800 μV maximum input offset voltage

  2 μV/°C typical offset voltage drift

  25 pA maximum input bias current

Low noise

  13 nV/√Hz @ 10 kHz

  No phase inversion



APPLICATIONS

Battery-powered precision instrumentation

Photodiode preamps

Active filters

12-bit to 14-bit data acquisition systems

Medical instrumentation

Low power references and regulators




Similar Part No. - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
595Kb / 28P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822 AD-AD822 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD822 AD-AD822 Datasheet
523Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. J
AD822 AD-AD822 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
logo
List of Unclassifed Man...
AD822-00 ETC2-AD822-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
More results


Similar Description - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824 AD-AD824 Datasheet
551Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV.A
AD824 AD-AD824_03 Datasheet
552Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820 AD-AD820_07 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD822 AD-AD822_15 Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_15 Datasheet
436Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com