Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8303 Datasheet (PDF) - Analog Devices

AD8303 Datasheet PDF - Analog Devices
Part # AD8303
Download  AD8303 Download
File Size   414.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Dual, Serial Input Complete 12-Bit DAC

AD8303 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8303 Datasheet PDF - Analog Devices

Part # AD8303
Download  AD8303 Click to download

File Size   414.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Dual, Serial Input Complete 12-Bit DAC

AD8303 Datasheet (HTML) - Analog Devices


AD8303 Product details

GENERAL DESCRIPTION
The AD8303 is a complete (includes internal reference) dual,12-bit, voltage output digital-to-analog converter designed to operate from a single +3 volt supply. Built using a CBCMOSprocess, this monolithic DAC offers the user low cost and ease of-use in single-supply +3 volt systems. Operation is guaranteed over the supply voltage range of +2.7 V to +5.5 V making this device ideal for battery operated applications.The 2.0475 V full-scale voltage output is laser-trimmed to maintain accuracy over the operating temperature range of the device. The binary input data format provides an easy-to-use  one-half millivolt-per-bit software programmability. The voltage outputs are capable of sourcing 3 mA.

FEATURES
Complete Dual 12-Bit DAC
Pretrimmed Internal Voltage Reference
Single +3 V Operation
0.5 mV/Bit with 2.0475 V Full Scale
Low Power: 9.6 mW
3-Wire Serial SPI Compatible Interface
Power Shutdown IDD < 1 mA
Compact SO-14, 1.75 mm Height Package

APPLICATIONS
Portable Communications
Digitally Controlled Calibration
Servo Controls
PC Peripherals




Similar Part No. - AD8303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8303 AD-AD8303 Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303AN AD-AD8303AN Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303AR AD-AD8303AR Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303ARZ AD-AD8303ARZ Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303 AD-AD8303_15 Datasheet
847Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
More results


Similar Description - AD8303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
DAC8512FSZ AD-DAC8512FSZ Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512FS-REEL AD-DAC8512FS-REEL Datasheet
517Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8303ARZ AD-AD8303ARZ Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8303 AD-AD8303_15 Datasheet
847Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
DAC8512 AD-DAC8512_15 Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com