Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8320 Datasheet (PDF) - Analog Devices

AD8320 Datasheet PDF - Analog Devices
Part # AD8320
Download  AD8320 Download
File Size   583.09 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial Digital Controlled Variable Gain Line Driver

AD8320 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8320 Datasheet PDF - Analog Devices

Part # AD8320
Download  AD8320 Click to download

File Size   583.09 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial Digital Controlled Variable Gain Line Driver

AD8320 Datasheet (HTML) - Analog Devices


AD8320 Product details

DESCRIPTION

The AD8320 is a digitally controlled variable gain amplifier optimized for coaxial line driving applications. An 8-bit serial word determines the desired output gain over a 36 dB range (256 gain levels). The AD8320 provides linear gain response.

The AD8320 is made up of a digitally controlled variable at tenuator of 0 dB to –36 dB, which is preceded by a low noise, fixed gain buffer and followed by a low distortion high power amplifier. The AD8320 has a 220 Ω input impedance and accepts a single-ended input signal with a specified analog input level of up to 0.310 V p-p. The output is specified for driving a 75 Ω load, such as coaxial cable, although the AD8320 is capable of driving other loads. Distortion performance of –57 dBc is achieved with an output level up to 12 dBm (3.1 V p-p) at 42 MHz, while –46 dBc distortion is achieved with an output level up to 18 dBm (6.2 V p-p).



FEATURES

  8-Bit Serial Gain Control

     V/V/LSB Linear Gain Response

  36 dB Gain Range

     ±0.20 dB Gain Accuracy

  Upper Bandwidth: 150 MHz

  22 dBm 1 dB Compression Point (75 V)

  Drives Low Distortion Signals into 75 V Load:

     –57 dBc SFDR at 42 MHz and 12 dBm Out

     –46 dBc SFDR at 42 MHz and 18 dBm Out

  Single Supply Operation from 5 V to 12 V

  Maintains 75 V Output Impedance Power-Up and Power-Down Condition

  Supports SPI Input Control Standard



APPLICATIONS

  Coaxial Cable Driver

     HFC Cable Telephony Systems

     HFC High Speed Data Modems

     Interactive Set-Top Boxes

     PC Plug-In Modems

  Interfaces with AD9853 I2C Controlled Digital Modulator

  High Performance Digitally Controlled Variable Gain Block



 




Similar Part No. - AD8320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
Serial Digital Controlled Variable Gain Line Driver
REV. 0
More results


Similar Description - AD8320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
Serial Digital Controlled Variable Gain Line Driver
REV. 0
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
Digital Controlled Variable Gain Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com