Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLF280BTP Datasheet (PDF) - Visual Communications Company

CLF280BTP Datasheet PDF - Visual Communications Company
Part # CLF280BTP
Download  CLF280BTP Download
File Size   90.56 Kbytes
Page   1 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description 5MM ROUND STANDARD HEIGHT FRESNEL LENS

CLF280BTP Datasheet (PDF)

Go To PDF Page Download Datasheet
CLF280BTP Datasheet PDF - Visual Communications Company

Part # CLF280BTP
Download  CLF280BTP Click to download

File Size   90.56 Kbytes
Page   1 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description 5MM ROUND STANDARD HEIGHT FRESNEL LENS

CLF280BTP Datasheet (HTML) - Visual Communications Company




Similar Part No. - CLF280BTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF280BTP VCC-CLF280BTP Datasheet
90Kb / 1P
HEIGHT FRESNEL LENS 5MM ROUND STANDARD
More results


Similar Description - CLF280BTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS444RTP VCC-CMS444RTP Datasheet
87Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CLF-280 VCC-CLF-280 Datasheet
90Kb / 1P
HEIGHT FRESNEL LENS 5MM ROUND STANDARD
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
THREADED FRESNEL LENS 5MM ROUND STANDARD
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
SML190 VCC-SML190 Datasheet
81Kb / 1P
HEIGHT FRESNEL LENS 3MM ROUND STANDARD
SQL360 VCC-SQL360 Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com