Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10084 Datasheet (PDF) - PowerDynamics, Inc

10084 Datasheet PDF - PowerDynamics, Inc
Part # 10084
Download  10084 Download
File Size   57.76 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C13, RIGHT HANDED

10084 Datasheet (PDF)

Go To PDF Page Download Datasheet
10084 Datasheet PDF - PowerDynamics, Inc

Part # 10084
Download  10084 Click to download

File Size   57.76 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C13, RIGHT HANDED

10084 Datasheet (HTML) - PowerDynamics, Inc




Similar Part No. - 10084

ManufacturerPart #DatasheetDescription
logo
Heyco.
10084 HEYCO-10084 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Agilent(Hewlett-Packard...
100840-000 HP-100840-000 Datasheet
411Kb / 1P
Agilent Seahorse XF Calibrant
logo
PHOENIX CONTACT
1008406 PHOENIX-1008406 Datasheet
297Kb / 7P
SH-Z0005 - Contact insert
1008408 PHOENIX-1008408 Datasheet
294Kb / 7P
SH-Z0007 - Contact insert
More results


Similar Description - 10084

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10086 POWERDYNAMICS-10086 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13, LEFT HANDED
10087 POWERDYNAMICS-10087 Datasheet
62Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13; 16/3 SJT
10092 POWERDYNAMICS-10092 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 1-15P TO IEC 60320 C7
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com