Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18012 Datasheet (PDF) - PowerDynamics, Inc

18012 Datasheet PDF - PowerDynamics, Inc
Part # 18012
Download  18012 Download
File Size   50.65 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13

18012 Datasheet (PDF)

Go To PDF Page Download Datasheet
18012 Datasheet PDF - PowerDynamics, Inc

Part # 18012
Download  18012 Click to download

File Size   50.65 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13

18012 Datasheet (HTML) - PowerDynamics, Inc




Similar Part No. - 18012

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18012 ARIES-18012 Datasheet
575Kb / 1P
P/Ns 1109522 and 1109523 DIP-to-JEDEC TO Adapter Socket
logo
Wurth Elektronik GmbH &...
18012015411H WURTH-18012015411H Datasheet
1Mb / 35P
WPME-CDIS - Capacitive Digital Isolator Standard
Version 1.1
18012015411L WURTH-18012015411L Datasheet
1Mb / 35P
WPME-CDIS - Capacitive Digital Isolator Standard
Version 1.1
18012015421H WURTH-18012015421H Datasheet
1Mb / 35P
WPME-CDIS - Capacitive Digital Isolator Standard
Version 1.1
18012015421L WURTH-18012015421L Datasheet
1Mb / 35P
WPME-CDIS - Capacitive Digital Isolator Standard
Version 1.1
More results


Similar Description - 18012

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
16012 POWERDYNAMICS-16012 Datasheet
56Kb / 1P
INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
19012 POWERDYNAMICS-19012 Datasheet
52Kb / 1P
JAPAN CORD SET; 250cm LONG JIS 8303 TO IEC 60320 C13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com