Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet (PDF) - Analog Devices

AD8346 Datasheet PDF - Analog Devices
Part # AD8346
Download  AD8346 Download
File Size   190.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 GHz-2.5 GHz Quadrature Modulator

AD8346 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8346 Datasheet PDF - Analog Devices

Part # AD8346
Download  AD8346 Click to download

File Size   190.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 GHz-2.5 GHz Quadrature Modulator

AD8346 Datasheet (HTML) - Analog Devices


AD8346 Product details

GENERAL DESCRIPTION
The AD8346 is a silicon RFIC I/Q modulator for use from 0.8 GHz to 2.5 GHz. Its excellent phase accuracy and amplitude balance allow high performance direct modulation to RF. The differential LO input is applied to a polyphase network phase splitter that provides accurate phase quadrature from 0.8 GHz to 2.5 GHz. Buffer amplifiers are inserted between two sections of the phase splitter to improve the signal-to-noise ratio. The I and Q outputs of the phase splitter drive the LO inputs of two Gilbert-cell mixers. Two differential V-to-I converters connected to the baseband inputs provide the baseband modulation signals for the mixers. The outputs of the two mixers are summed together at an amplifier which is designed to drive a 50 Ω load.

FEATURES
   High accuracy
      1 degree rms quadrature error @ 1.9 GHz
      0.2 dB I/Q amplitude balance @ 1.9 GHz
   Broad frequency range: 0.8 GHz to 2.5 GHz
   Sideband suppression: −46 dBc @ 0.8 GHz
   Sideband suppression: −36 dBc @ 1.9 GHz
   Modulation bandwidth: dc to 70 MHz
   0 dBm output compression level @ 0.8 GHz
   Noise floor: −147 dBm/Hz
   Single 2.7 V to 5.5 V supply
   Quiescent operating current: 45 mA
   Standby current: 1 μA
   16-lead TSSOP

APPLICATIONS
   Digital and spread spectrum communication systems
   Cellular/PCS/ISM transceivers
   Wireless LAN/wireless local loop
   QPSK/GMSK/QAM modulators
   Single-sideband (SSB) modulators
   Frequency synthesizers
   Image reject mixer




Similar Part No. - AD8346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8346 AD-AD8346 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8346 AD-AD8346 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
AD8346 AD-AD8346 Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346-EVAL AD-AD8346-EVAL Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results


Similar Description - AD8346

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
1 GHz QUADRATURE MODULATOR
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
NEC
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
1 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com