Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7361LCT Datasheet (PDF) - Freescale Semiconductor, Inc

MMA7361LCT Datasheet PDF - Freescale Semiconductor, Inc
Part # MMA7361LCT
Download  MMA7361LCT Download
File Size   144.3 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer

MMA7361LCT Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA7361LCT Datasheet PDF - Freescale Semiconductor, Inc

Part # MMA7361LCT
Download  MMA7361LCT Click to download

File Size   144.3 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer

MMA7361LCT Datasheet (HTML) - Freescale Semiconductor, Inc


MMA7361LCT Product details

The MMA7361LC is a low power, low profile capacitive micromachined accelerometer featuring signal conditioning, a 1-pole low pass filter, temperature compensation, self test, 0g-Detect which detects linear freefall, and g-Select which allows for the selection between two sensitivities. Zero-g
offset and sensitivity are factory set and require no external devices. The MMA7361LC includes a Sleep Mode that makes it ideal for handheld battery powered electronics.

Features
• 3mm x 5mm x 1.0mm LGA-14 Package
• Low Current Consumption: 400 μA
• Sleep Mode: 3 μA
• Low Voltage Operation: 2.2 V – 3.6 V
• High Sensitivity (800 mV/g @ 1.5g)
• Selectable Sensitivity (±1.5g, ±6g)
• Fast Turn On Time (0.5 ms Enable Response Time)
• Self Test for Freefall Detect Diagnosis
• 0g-Detect for Freefall Protection
• Signal Conditioning with Low Pass Filter
• Robust Design, High Shocks Survivability
• RoHS Compliant
• Environmentally Preferred Product
• Low Cost




Similar Part No. - MMA7361LCT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7361L FREESCALE-MMA7361L Datasheet
169Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7361L FREESCALE-MMA7361L Datasheet
397Kb / 20P
DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
logo
Freescale Semiconductor...
MMA7361LR1 FREESCALE-MMA7361LR1 Datasheet
169Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7361LR1 FREESCALE-MMA7361LR1 Datasheet
176Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
More results


Similar Description - MMA7361LCT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA7360L_0708 FREESCALE-MMA7360L_0708 Datasheet
144Kb / 10P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7361L FREESCALE-MMA7361L Datasheet
169Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
MMA6361L FREESCALE-MMA6361L Datasheet
141Kb / 11P
짹1.5g, 짹6g Two Axis Low-g Micromachined Accelerometer
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7360L NXP-MMA7360L Datasheet
187Kb / 10P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 2, 8/2007
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com