Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8401 Datasheet (PDF) - Analog Devices

AD8401 Datasheet PDF - Analog Devices
Part # AD8401
Download  AD8401 Download
File Size   225.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 4-Channel Data Acquisition System

AD8401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8401 Datasheet PDF - Analog Devices

Part # AD8401
Download  AD8401 Click to download

File Size   225.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 4-Channel Data Acquisition System

AD8401 Datasheet (HTML) - Analog Devices


AD8401 Product details

GENERAL DESCRIPTION

The AD8401 is a complete data acquisition and control system containing ADC, DAC, 4-channel MUX, and internal voltage reference. Built using CBCMOS, this monolithic circuit offers the user a complete system with very high package density and reliability.

The converter is a successive approximation ADC with T/H, and is capable of operating with conversion times as short as 2 µs. Analog input bandwidth is 200 kHz, and DAC output voltage settling time is less than 4 µs, making the AD8401 capable of controlling servo loops with speed and precision.



FEATURES

2 ms ADC with T/H

4-Channel MUX

AD899 Compatible

+5 Volt Operation

On-Chip Reference

4 ms Voltage Output DAC

Fast Bus Access Time—75 ns



APPLICATIONS

Servo Controls

Digitally Controlled Calibration

Process Control Equipment




Similar Part No. - AD8401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV. 0
More results


Similar Description - AD8401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV.A
AD974 AD-AD974 Datasheet
202Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV.A
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD974 AD-AD974_15 Datasheet
206Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
8-Channel, 12-Bit Serial Data Acquisition System
23-Feb-2017
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
8-Channel, 12-Bit High Speed Data Acquisition System
23-Feb-2017
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com