Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-16X Datasheet (PDF) - PowerDynamics, Inc

PD-16X Datasheet PDF - PowerDynamics, Inc
Part # PD-16X
Download  PD-16X Download
File Size   32.93 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description SOUTH AMERICAN RECEPTACLE 10A/15A 250VAC

PD-16X Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-16X Datasheet PDF - PowerDynamics, Inc

Part # PD-16X
Download  PD-16X Click to download

File Size   32.93 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description SOUTH AMERICAN RECEPTACLE 10A/15A 250VAC

PD-16X Datasheet (HTML) - PowerDynamics, Inc




Similar Part No. - PD-16X

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
PD-1670-CABLE TRINAMIC-PD-1670-CABLE Datasheet
938Kb / 19P
PD-x-1670 Hardware Manual
2018-OCT-26
logo
Vishay Siliconix
PD-16A040 VISHAY-PD-16A040 Datasheet
67Kb / 2P
Plasma Panel Displays 16 Character, 16 Segment Alphanumeric Display with .400" [10.16mm] High Characters
08-Nov-00
logo
PowerDynamics, Inc
PD-16AU POWERDYNAMICS-PD-16AU Datasheet
44Kb / 1P
AS 3112 AUTRALIAN/NEW ZEALAND SQUARE RECEPTACLE
PD-16AU-1 POWERDYNAMICS-PD-16AU-1 Datasheet
43Kb / 1P
AS 3112 AUSTRALIAN / NEW ZEALAND ROUND RECEPTACLE
More results


Similar Description - PD-16X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
SOUTH BRIDGE PC99 COMPLIANT
logo
GREATECS
MP3 GREATECS-MP3 Datasheet
154Kb / 1P
Micro Switches up to 10A 125/250VAC
logo
PowerDynamics, Inc
PD-16F POWERDYNAMICS-PD-16F Datasheet
35Kb / 1P
CEE7-VII FRANCE/BELGIUM RECEPTACLE 10A~16A 250VAC
PD-16UK POWERDYNAMICS-PD-16UK Datasheet
43Kb / 1P
BS-1363 UNITED KINGDOM RECEPTACLE 13A 250VAC
PD-L615C-B POWERDYNAMICS-PD-L615C-B Datasheet
53Kb / 1P
NEMA L6-15R CORD CONNECTOR 15A 250VAC; ASSEMBLY TYPE
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
L167-B ETC2-L167-B Datasheet
181Kb / 2P
10A 250Vac Single Double Pole
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
Miniature PCB Power Relays 10A 250VAC
logo
CUI INC
SMI-SA-1 CUI-SMI-SA-1 Datasheet
218Kb / 2P
SOUTH AFRICA BLADE
12/21/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com