Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD846 Datasheet (PDF) - Analog Devices

AD846 Datasheet PDF - Analog Devices
Part # AD846
Download  AD846 Download
File Size   513.35 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 450 V/us, Precision, Current-Feedback Op Amp

AD846 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD846 Datasheet PDF - Analog Devices

Part # AD846
Download  AD846 Click to download

File Size   513.35 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 450 V/us, Precision, Current-Feedback Op Amp

AD846 Datasheet (HTML) - Analog Devices


AD846 Product details

PRODUCT DESCRIPTION

The AD846 is a monolithic, very high speed operational amplifier offering high performance. Although technically classed as a current-feedback or transimpedance amplifier, it may be used in much the same way as traditional op amps while providing significant performance benefits. Employing Analog Devices’ junction isolated complementary bipolar (CB) process, the AD846 achieves true “12-bit” (0.01%) precision on critical ac and dc parameters, a level of performance unmatched by amplifiers fabricated using either the dielectrically isolated (DI) or other bipolar processes.

The AD846 offers significant advantages over conventional high speed operational amplifiers. It maintains a nearly constant bandwidth and settling time to 0.01% over a wide range of closed-loop gains. This makes the AD846 ideal for amplifying the residue in multiple-pass analog-to-digital converters.



FEATURES

AC PERFORMANCE

  Small Signal Bandwidth: 80 MHz (AV = –1)

  Slew Rate: 450 V/μs

  Full Power Bandwidth: 6.8 MHz at 20 V p-p, RL = 500 Ω

  Fast Settling: for 10 V Step: 110 ns to 0.01%, 80 ns to 0.1%

  Differential Gain: <0.01% @ 4.4 MHz

  Differential Phase: <0.028° @ 4.4 MHz

  Total Harmonic Distortion (THD): 0.0005% @ 100 kHz

  Open-Loop Transimpedance: 200 MΩ

  Input Voltage Noise: 2 nV/√Hz

  DC PERFORMANCE

  Input Offset Voltage: 75 μV max (B Grade)

  Input Offset Drift: 3.5 μV/°C max (B Grade)

  Quiescent Supply Current: 6.5 mA max



APPLICATIONS

  High Speed DAC Buffers

  Multiflash ADC Error Amplifiers

  Flash ADC Buffers

  Coaxial Cable Drivers

  High Performance Audio Circuitry

  Available in Plastic Mini-DIP, Hermetic Cerdip, and Plastic SOIC (A) Package

  MIL-STD-883B Part Available



 




Similar Part No. - AD846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8460 AD-AD8460 Datasheet
1Mb / 75P
110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ AD-AD8460BSVZ Datasheet
1Mb / 75P
110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ-RL AD-AD8460BSVZ-RL Datasheet
1Mb / 75P
110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8465 AD-AD8465 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results


Similar Description - AD846

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
AD812 AD-AD812_15 Datasheet
376Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com