Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD847 Datasheet (PDF) - Analog Devices

AD847 Datasheet PDF - Analog Devices
Part # AD847
Download  AD847 Download
File Size   241.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Monolithic Op Amp

AD847 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD847 Datasheet PDF - Analog Devices

Part # AD847
Download  AD847 Click to download

File Size   241.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Monolithic Op Amp

AD847 Datasheet (HTML) - Analog Devices


AD847 Product details

PRODUCT DESCRIPTION

The AD847 represents a breakthrough in high speed amplifiers offering superior ac & dc performance and low power, all at low cost. The excellent dc performance is demonstrated by its ±5 V specifications which include an open-loop gain of 3500 V/V (500 Ω load) and low input offset voltage of 0.5 mV. Common mode rejection is a minimum of 78 dB. Output voltage swing is ±3 V into loads as low as 150 Ω. Analog Devices also offers over 30 other high speed amplifiers from the low noise AD829 (1.7 nV/√Hz) to the ultimate video amplifier, the AD811, which features 0.01% differential gain and 0.01° differential phase.



FEATURES

Superior Performance

  High Unity Gain BW: 50 MHz

  Low Supply Current: 5.3 mA

  High Slew Rate: 300 V/ms

  Excellent Video Specifications

    0.04% Differential Gain (NTSC and PAL)

    0.198 Differential Phase (NTSC and PAL)

  Drives Any Capacitive Load

  Fast Settling Time to 0.1% (10 V Step): 65 ns

Excellent DC Performance

  High Open-Loop Gain 5.5 V/mV (RLOAD = 1 kV)

  Low Input Offset Voltage: 0.5 mV

Specified for 65 V and 615 V Operation

Available in a Wide Variety of Options

    Plastic DIP and SOIC Packages

    Cerdip Package

    Die Form

    MIL-STD-883B Processing

    Tape & Reel (EIA-481A Standard)

Dual Version Available: AD827 (8 Lead)

Enhanced Replacement for LM6361

Replacement for HA2544, HA2520/2/5 and EL2020



APPLICATIONS

Video Instrumentation

Imaging Equipment

Copiers, Fax, Scanners, Cameras

High Speed Cable Driver

High Speed DAC and Flash ADC Buffers




Similar Part No. - AD847

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847 Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847 Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results


Similar Description - AD847

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD848 AD-AD848 Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
Rev. F
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD847 AD-AD847_15 Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD848 AD-AD848_15 Datasheet
250Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
High Speed, Low Power Monolithic Op Amp
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com