Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9100 Datasheet (PDF) - Caddock Electronics, Inc.

MP9100 Datasheet PDF - Caddock Electronics, Inc.
Part # MP9100
Download  MP9100 Download
File Size   249.43 Kbytes
Page   2 Pages
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.
Description Power Film Resistors TO-126, TO-220 and TO-247 Style

MP9100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP9100 Datasheet PDF - Caddock Electronics, Inc.

Part # MP9100
Download  MP9100 Click to download

File Size   249.43 Kbytes
Page   2 Pages
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.
Description Power Film Resistors TO-126, TO-220 and TO-247 Style

MP9100 Datasheet (HTML) - Caddock Electronics, Inc.


MP9100 Product details

Low Cost Heat Sink Mountable Design featuring an Exposed Ceramic Heat Dissipating Mounting Surface

Use your thermal design experience with power semiconductors in TO-126, TO-220, and TO-247 style power packages to help you get the most out of this unique family of power resistors. The thermal design issues are the same where power handling capability is based on the case temperature which is maintained in your design.

MP915 TO-126 Style Power Package
• 15 Watts at +25°C Case Temperature, derated to zero at +150°C.
• Exposed Ceramic Heat Dissipating Mounting Surface.
• Resistance Range of 0.020 ohm to 1 K.
• Non-Inductive Design.

MP916, MP925, and MP930 TO-220 Style Power Package
• Up to 30 Watts at +25°C Case Temperature, derated to zero at +150°C.
• Exposed Ceramic Heat Dissipating Mounting Surface.
• Resistance Range of 0.010 ohm to 100 K.
• Non-Inductive Design.

MP9100 TO-247 Style Power Package
• 100 Watts at +25°C Case Temperature, derated to zero at +175°C.
• Exposed Ceramic Heat Dissipating Mounting Surface.
• Resistance Range of 0.050 ohm to 100 ohm.
• Non-Inductive Design.




Similar Part No. - MP9100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
logo
Caddock Electronics, In...
MP9100 CADDOCK-MP9100 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP9100 CADDOCK-MP9100 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
List of Unclassifed Man...
MP9100-0.050-1 ETC1-MP9100-0.050-1 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
MP9100-0.10-1 ETC1-MP9100-0.10-1 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
More results


Similar Description - MP9100

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF1260 RIEDON-PF1260 Datasheet
272Kb / 2P
TO-126 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
TO-247 Power Film Resistors
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
TO-126 Power Film Resistors
logo
List of Unclassifed Man...
SEI-TR ETC2-SEI-TR Datasheet
115Kb / 3P
TO-220 and TO-247 Style Power Resistor
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Stackpole Electronics, ...
TR_SERIES SEI-TR_SERIES Datasheet
328Kb / 5P
TO-220 and TO-247 Style Power Resistor
7/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com