Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8534 Datasheet (PDF) - Analog Devices

AD8534 Datasheet PDF - Analog Devices
Part # AD8534
Download  AD8534 Download
File Size   417.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 250 mA Output Single-Supply Amplifiers

AD8534 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8534 Datasheet PDF - Analog Devices

Part # AD8534
Download  AD8534 Click to download

File Size   417.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 250 mA Output Single-Supply Amplifiers

AD8534 Datasheet (HTML) - Analog Devices


AD8534 Product details

GENERAL DESCRIPTION
The AD8531, AD8532, and AD8534 are single, dual, and quad rail-to-rail input/output single-supply amplifiers featuring 250 mA output drive current. This high output current makes these amplifiers excellent for driving either resistive or capacitive loads. AC performance is very good with 3 MHz bandwidth, 5 V/μs slew rate, and low distortion. All are guaranteed to operate from a 3 V single supply as well as a 5 V supply.
   
FEATURES
    Single-supply operation: 2.7 V to 6 V
    High output current: ±250 mA
    Low supply current: 750 μA/amplifier
    Wide bandwidth: 3 MHz
    Slew rate: 5 V/μs
    No phase reversal
    Low input currents
    Unity gain stable
    Rail-to-rail input and output
   
APPLICATIONS
    Multimedia audio
    LCD drivers
    ASIC input or output amplifiers
    Headphone drivers
   




Similar Part No. - AD8534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8534 AD-AD8534 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534AR AD-AD8534AR Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534AR-REEL AD-AD8534AR-REEL Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534ARU AD-AD8534ARU Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534ARU-REEL AD-AD8534ARU-REEL Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results


Similar Description - AD8534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
TPS65133 짹5-V, 250-mA Dual-Output Power Supply
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Texas Instruments
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
Single-Supply, Low Cost Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com