Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE210 Datasheet (PDF) - Motorola, Inc

MJE210 Datasheet PDF - Motorola, Inc
Part # MJE210
Download  MJE210 Download
File Size   255.72 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS

MJE210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE210 Datasheet PDF - Motorola, Inc

Part # MJE210
Download  MJE210 Click to download

File Size   255.72 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS

MJE210 Datasheet (HTML) - Motorola, Inc


MJE210 Product details

Complementary Silicon Power Plastic Transistors



. . . designed for low voltage, low–power, high–gain audio amplifier applications.



• Collector–Emitter Sustaining Voltage —

   VCEO(sus) = 25 Vdc (Min) @ IC = 10 mAdc

• High DC Current Gain — hFE = 70 (Min) @ IC = 500 mAdc

   High DC Current Gain — hFE = 45 (Min) @ IC = 2.0 Adc

   High DC Current Gain — hFE = 10 (Min) @ IC = 5.0 Adc

• Low Collector–Emitter Saturation Voltage —

   VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc

   VCE(sat) = 0.75 Vdc (Max) @ IC = 2.0 Adc

• High Current–Gain — Bandwidth Product —

   fT = 65 MHz (Min) @ IC = 100 mAdc

• Annular Construction for Low Leakage —

   ICBO = 100 nAdc @ Rated VCB



 




Similar Part No. - MJE210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE210 ONSEMI-MJE210 Datasheet
255Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
63Kb / 4P
SILICON PNP TRANSISTOR
Sep-1997
logo
Samsung semiconductor
MJE210 SAMSUNG-MJE210 Datasheet
195Kb / 6P
PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)
logo
Fairchild Semiconductor
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
Feature
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Sep-2003
More results


Similar Description - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com