Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2802 Datasheet (PDF) - Alpha & Omega Semiconductors

AOC2802 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOC2802
Download  AOC2802 Download
File Size   246.31 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AOC2802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOC2802 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOC2802
Download  AOC2802 Click to download

File Size   246.31 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AOC2802 Datasheet (HTML) - Alpha & Omega Semiconductors


AOC2802 Product details

General Description
The AOC2802 uses advanced trench technology to provide excellent RSS(ON), low gate charge and operation with gate voltages as low as 2.5V while retaining a 12V VGS(MAX) rating. It is ESD protected. This device is suitable for use as a unidirectional or bi-directional load switch, facilitated by its common-drain configuration.

Product Summary
   Vss 20V
   ID (at VGS=4.5V) 6A
   RSS(ON) (at VGS=4.5V) < 34mΩ
   RSS(ON) (at VGS=4.0V) < 35mΩ
   RSS(ON) (at VGS=3.1V) < 43mΩ
   RSS(ON) (at VGS=2.5V) < 54mΩ




Similar Part No. - AOC2802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2800 AOSMD-AOC2800 Datasheet
250Kb / 5P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AOC2804 AOSMD-AOC2804 Datasheet
370Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC2804B AOSMD-AOC2804B Datasheet
353Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC2806 AOSMD-AOC2806 Datasheet
364Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
More results


Similar Description - AOC2802

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8832 AOSMD-AO8832 Datasheet
219Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com