Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR12045CT Datasheet (PDF) - Naina Semiconductor ltd.

MBR12045CT Datasheet PDF - Naina Semiconductor ltd.
Part # MBR12045CT
Download  MBR12045CT Download
File Size   137.44 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Silicon Schottky Diode, 120A

MBR12045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR12045CT Datasheet PDF - Naina Semiconductor ltd.

Part # MBR12045CT
Download  MBR12045CT Click to download

File Size   137.44 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Silicon Schottky Diode, 120A

MBR12045CT Datasheet (HTML) - Naina Semiconductor ltd.


MBR12045CT Product details

Features
• Guard Ring Protection
• Low forward voltage drop
• High surge current capability
• Up to 100V VRRM




Similar Part No. - MBR12045CT

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR12045CT TEL-MBR12045CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
logo
Microsemi Corporation
MBR12045CT MICROSEMI-MBR12045CT Datasheet
123Kb / 2P
Schottky PowerMod
logo
List of Unclassifed Man...
MBR12045CT ETC2-MBR12045CT Datasheet
507Kb / 2P
High Surge Capability
logo
America Semiconductor, ...
MBR12045CT AMERICASEMI-MBR12045CT Datasheet
439Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR12045CT GENESIC-MBR12045CT Datasheet
472Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - MBR12045CT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D120SC6M SHINDENGEN-D120SC6M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (60V 120A)
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
TRANSYS Electronics Lim...
FST12020 TEL-FST12020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
MBR12020 TEL-MBR12020 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
MBR12020CT TEL-MBR12020CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
logo
Naina Semiconductor ltd...
MBR12020CT NAINA-MBR12020CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 120A
logo
PFC Device Inc.
PFR120L150PT-L PFC-PFR120L150PT-L Datasheet
421Kb / 5P
120A 150V MOS Schottky Rectifier
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com