Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD474A Datasheet (PDF) - Alpha & Omega Semiconductors

AOD474A Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD474A
Download  AOD474A Download
File Size   294.33 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 75V N-Channel MOSFET

AOD474A Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD474A Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD474A
Download  AOD474A Click to download

File Size   294.33 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 75V N-Channel MOSFET

AOD474A Datasheet (HTML) - Alpha & Omega Semiconductors


AOD474A Product details

General Description

The AOD474A combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.



Product Summary
    VDS                                              75V

    ID(at VGS=10V)                           10A

    RDS(ON)(at VGS=10V)               < 130mΩ

    RDS(ON)(at VGS=4.5V)              < 155mΩ




Similar Part No. - AOD474A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD474A ISC-AOD474A Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD474A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP75N08 FAIRCHILD-FDP75N08 Datasheet
674Kb / 8P
75V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
75V N-Channel MOSFET
AOD474 AOSMD-AOD474 Datasheet
295Kb / 6P
75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
75V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com