Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD4130 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD4130 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD4130
Download  AOD4130 Download
File Size   310.2 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel MOSFET

AOD4130 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD4130 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD4130
Download  AOD4130 Click to download

File Size   310.2 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel MOSFET

AOD4130 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD4130 Product details

General Description

The AOD4130/AOI4130 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.



Product Summary

  VDS                              60V

  ID (at VGS=10V) 30A

  RDS(ON) (at VGS=10V)     < 24mΩ

  RDS(ON) (at VGS=4.5V)    < 30mΩ

  100% UIS Tested

  100% Rg Tested



 




Similar Part No. - AOD4130

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD4130 ISC-AOD4130 Datasheet
268Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD4130 VBSEMI-AOD4130 Datasheet
897Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AOD4130 UMW-AOD4130 Datasheet
455Kb / 7P
60V N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AOD4130 EVVOSEMI-AOD4130 Datasheet
845Kb / 7P
60V N-Channel MOSFET
Rev:2023A2
More results


Similar Description - AOD4130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com