Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9483 Datasheet (PDF) - Analog Devices

AD9483 Datasheet PDF - Analog Devices
Part # AD9483
Download  AD9483 Download
File Size   319.41 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple 8-Bit, 140 MSPS A/D Converter

AD9483 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9483 Datasheet PDF - Analog Devices

Part # AD9483
Download  AD9483 Click to download

File Size   319.41 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple 8-Bit, 140 MSPS A/D Converter

AD9483 Datasheet (HTML) - Analog Devices


AD9483 Product details

GENERAL DESCRIPTION
The AD9483 is a triple 8-bit monolithic analog-to-digital converter optimized for digitizing RGB graphics signals from personal computers and workstations. Its 140 MSPS encode rate capability and full-power analog bandwidth of 330 MHz supports display resolutions of up to 1280 × 1024 at 75 Hz with sufficient input bandwidth to accurately acquire and digitize each pixel.

FEATURES
    140 MSPS Guaranteed Conversion Rate
    100 MSPS Low Cost Version Available
    330 MHz Analog Bandwidth
    1 V p-p Analog Input Range
    Internal 2.5 V Reference
    Differential or Single-Ended Clock Input
    3.3 V/5.0 V Three-State CMOS Outputs
    Single or Demultiplexed Output Ports
    Data Clock Output Provided
    Low Power: 1.0 W Typical
    5 V Converter Power Supply

APPLICATIONS
    RGB Graphics Processing
    High Resolution Video
    LCD Monitors and Projectors
    Micromirror Projectors
    Plasma Display Panels
    Scan Converters




Similar Part No. - AD9483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results


Similar Description - AD9483

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
6-BIT 140 MSPS FLASH A/D CONVERTER
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com