Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD96685 Datasheet (PDF) - Analog Devices

AD96685 Datasheet PDF - Analog Devices
Part # AD96685
Download  AD96685 Download
File Size   129.02 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrafast Comparators

AD96685 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD96685 Datasheet PDF - Analog Devices

Part # AD96685
Download  AD96685 Click to download

File Size   129.02 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrafast Comparators

AD96685 Datasheet (HTML) - Analog Devices


AD96685 Product details

GENERAL DESCRIPTION
The AD96685 and AD96687 are ultrafast voltage comparators. The AD96685 is a single comparator with 2.5 ns propagation delay; the AD96687 is an equally fast dual comparator. Both devices feature 50 ps propagation delay dispersion which is a particularly important characteristic of high speed comparators. It is a measure of the difference in propagation delay under differing overdrive conditions.
   
FEATURES
    Fast: 2.5 ns Propagation Delay
    Low Power: 118 mW per Comparator
    Packages: DIP, TO-100, SOIC, PLCC
    Power Supplies: +5 V, –5.2 V
    Logic Compatibility: ECL
    MIL-STD-883 Versions Available
    50 ps Delay Dispersion
   
APPLICATIONS
    High Speed Triggers
    High Speed Line Receivers
    Threshold Detectors
    Window Comparators
    Peak Detectors
   




Similar Part No. - AD96685

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96685 AD-AD96685 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96685BR AD-AD96685BR Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96685 AD-AD96685_01 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96685 AD-AD96685_15 Datasheet
101Kb / 8P
Ultrafast Comparators
REV. D
More results


Similar Description - AD96685

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9696 AD-AD9696 Datasheet
135Kb / 8P
Ultrafast TTL Comparators
REV.B
ADCMP580 AD-ADCMP580_05 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580 AD-ADCMP580_07 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
AD96685 AD-AD96685_01 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96685 AD-AD96685_15 Datasheet
101Kb / 8P
Ultrafast Comparators
REV. D
AD96687 AD-AD96687_15 Datasheet
101Kb / 8P
Ultrafast Comparators
REV. D
ADCMP580 AD-ADCMP580_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP581 AD-ADCMP581_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP582 AD-ADCMP582_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP580 AD-ADCMP580_16 Datasheet
409Kb / 16P
Ultrafast SiGe Voltage Comparators
4/16-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com