Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9762 Datasheet (PDF) - Analog Devices

AD9762 Datasheet PDF - Analog Devices
Part # AD9762
Download  AD9762 Download
File Size   414.36 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 125 MSPS TxDAC D/A Converter

AD9762 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9762 Datasheet PDF - Analog Devices

Part # AD9762
Download  AD9762 Click to download

File Size   414.36 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 125 MSPS TxDAC D/A Converter

AD9762 Datasheet (HTML) - Analog Devices


AD9762 Product details

PRODUCT DESCRIPTION
The AD9762 is the 12-bit resolution member of the TxDAC series of high performance, low power CMOS digital-to-analog converters (DACs). The TxDAC family which consists of pin compatible 8-, 10-, 12-, and 14-bit DACs is specifically optimized for the transmit signal path of communication systems. All of the devices share the same interface options, small outline package and pinout, thus providing an upward or downward component selection path based on performance, resolution and cost. The AD9762 offers exceptional ac and dc performance while supporting update rates up to 125 MSPS.
The AD9762’s flexible single-supply operating range of 2.7 V to 5.5 V and low power dissipation are well suited for portable and low power applications. Its power dissipation can be further reduced to a mere 45 mW without a significant degradation in performance by lowering the full-scale current output. Also, a power-down mode reduces the standby power dissipation to approximately 25 mW.

FEATURES
   Member of Pin-Compatible TxDAC Product Family
   125 MSPS Update Rate
   12-Bit Resolution
   Excellent Spurious Free Dynamic Range Performance
   SFDR to Nyquist @ 5 MHz Output: 70 dBc
   Differential Current Outputs: 2 mA to 20 mA
   Power Dissipation: 175 mW @ 5 V to 45 mW @ 3 V
   Power-Down Mode: 25 mW @ 5 V
   On-Chip 1.20 V Reference
   Single +5 V or +3 V Supply Operation
   Package: 28-Lead SOIC and TSSOP
   Edge-Triggered Latches

APPLICATIONS
   Communication Transmit Channel:
      Basestations (Single/Multichannel Applications)
      ADSL/HFC Modems
   Direct Digital Synthesis (DDS)
   Instrumentation




Similar Part No. - AD9762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9762 AD-AD9762 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
12-Bit, 125 MSPS
REV. B
More results


Similar Description - AD9762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com