Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807 Datasheet (PDF) - Analog Devices

AD9807 Datasheet PDF - Analog Devices
Part # AD9807
Download  AD9807 Download
File Size   240.82 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors

AD9807 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9807 Datasheet PDF - Analog Devices

Part # AD9807
Download  AD9807 Click to download

File Size   240.82 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors

AD9807 Datasheet (HTML) - Analog Devices


AD9807 Product details

PRODUCTION DESCRIPTION

The AD9807 and AD9805 are complete CCD/CIS imaging decoders and signal processors on a single monolithic integrated circuit. The input of the AD9807/AD9805 allows direct ac coupling of the charge-coupled device (CCD) or contact image sensor (CIS) output(s). The AD9807/AD9805 includes all the circuitry to perform three-channel correlated double sampling (CDS) and programmable gain adjustment of the CCD output; a 12-bit or 10-bit analog-to-digital converter (ADC) quantizes the analog signal. After digitization, the on-board digital signal processor (DSP) circuitry allows pixel rate offset and gain correction. The DSP also corrects odd/even CCD register imbalance errors.



FEATURES

Pin Compatible 12-Bit and 10-Bit Versions

12-Bit/10-Bit 6 MSPS A/D Converter

Integrated Triple Correlated Double Sampler

3-Channel, 2 MSPS Color Mode

13 – 43 Analog Programmable Gain Amplifier

Pixel-Rate Digital Gain Adjustment

Pixel-Rate Digital Offset Adjustment

Internal Voltage Reference

No Missing Codes Guaranteed

Microprocessor-Compatible Control Interface

+3.3 V/+5 V Digital I/O Compatibility

Low Power CMOS: 500 mW

64-Pin PQFP Surface Mount Package




Similar Part No. - AD9807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
CCD Signal Processor For Electronic Cameras
REV.0
AD9801 AD-AD9801_15 Datasheet
269Kb / 12P
CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
AD9802 AD-AD9802 Datasheet
300Kb / 20P
CCD Signal Processor For Electronic Cameras
REV. 0
AD9802JST AD-AD9802JST Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
More results


Similar Description - AD9807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9816 AD-AD9816 Datasheet
171Kb / 16P
Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV.A
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9943 AD-AD9943 Datasheet
498Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9816 AD-AD9816_15 Datasheet
187Kb / 16P
Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com