Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON1605 Datasheet (PDF) - Alpha & Omega Semiconductors

AON1605 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON1605
Download  AON1605 Download
File Size   270.34 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V P-Channel MOSFET

AON1605 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON1605 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON1605
Download  AON1605 Click to download

File Size   270.34 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V P-Channel MOSFET

AON1605 Datasheet (HTML) - Alpha & Omega Semiconductors


AON1605 Product details

General Description
The AON1605 utilize advanced trench MOSFET technology in small DFN 1.0 x 0.6 package. This device is ideal for load switch applications.

Product Summary
    VDS                                     -20V
    ID (at VGS=-4.5V)               -0.7A
    RDS(ON) (at VGS =-4.5V) < 710mΩ
    RDS(ON) (at VGS =-2.5V) < 930mΩ
    RDS(ON) (at VGS =-1.8V) < 1250mΩ

    Typical ESD protection          HBM Class 1C




Similar Part No. - AON1605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1606 AOSMD-AON1606 Datasheet
242Kb / 5P
20V N-Channel MOSFET
More results


Similar Description - AON1605

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com