Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON2240 Datasheet (PDF) - Alpha & Omega Semiconductors

AON2240 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON2240
Download  AON2240 Download
File Size   296.41 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V N-Channel MOSFET

AON2240 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON2240 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON2240
Download  AON2240 Click to download

File Size   296.41 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V N-Channel MOSFET

AON2240 Datasheet (HTML) - Alpha & Omega Semiconductors


AON2240 Product details

General Description
The AON2240 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                         40V
    ID (at VGS=10V)                        8A
    RDS(ON) (at VGS =10V  ) < 21mΩ
    RDS(ON) (at VGS =4.5V)  < 29mΩ




Similar Part No. - AON2240

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AON2240 KEXIN-AON2240 Datasheet
1Mb / 5P
N-Channel MOSFET
More results


Similar Description - AON2240

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com