Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856 Datasheet (PDF) - Analog Devices

AD9856 Datasheet PDF - Analog Devices
Part # AD9856
Download  AD9856 Download
File Size   429.83 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 200 MHz Quadrature Digital Upconverter

AD9856 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9856 Datasheet PDF - Analog Devices

Part # AD9856
Download  AD9856 Click to download

File Size   429.83 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 200 MHz Quadrature Digital Upconverter

AD9856 Datasheet (HTML) - Analog Devices


AD9856 Product details

GENERAL DESCRIPTION
The AD9856 integrates a high speed, direct digital synthesizer (DDS), a high performance, high speed, 12-bit digital-to-analog converter (DAC), clock multiplier circuitry, digital filters, and other DSP functions on a single chip to form a complete quadrature digital upconverter device. The AD9856 is intended to function as a universal I/Q modulator and agile upconverter for communications applications where cost, size, power dissipation, and dynamic performance are critical attributes.

FEATURES
    Universal low cost modulator solution for communications applications
    DC to 80 MHz output bandwidth
    Integrated 12-bit D/A converter
    Programmable sample rate interpolation filter
    Programmable reference clock multiplier
    Internal SIN(x)/x compensation filter
    >52 dB SFDR @ 40 MHz AOUT
    >48 dB SFDR @ 70 MHz AOUT
    >80 dB narrow-band SFDR @ 70 MHz AOUT
    +3 V single-supply operation
    Space-saving surface-mount packaging
    Bidirectional control bus interface
    Supports burst and continuous Tx modes
    Single-tone mode for frequency synthesis applications
    Four programmable, pin-selectable, modulator profiles
    Direct interface to AD8320/AD8321 PGA cable driver

APPLICATIONS
    HFC data, telephony, and video modems
    Wireless and satellite communications
    Cellular base stations




Similar Part No. - AD9856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9856 AD-AD9856 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856/PCB AD-AD9856/PCB Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9856AST AD-AD9856AST Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
More results


Similar Description - AD9856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9857 AD-AD9857 Datasheet
551Kb / 31P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV.0
logo
Tyco Electronics
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
Quadrature Hybrid 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
Quadrature Hybrid, 100 - 200 MHz
logo
Analog Devices
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com