Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX81801 Datasheet (PDF) - Synaptics Incorporated.

CX81801 Datasheet PDF - Synaptics Incorporated.
Part # CX81801
Download  CX81801 Download
File Size   219.42 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Serial/Parallel Modem with 3rd

CX81801 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX81801 Datasheet PDF - Synaptics Incorporated.

Part # CX81801
Download  CX81801 Click to download

File Size   219.42 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Serial/Parallel Modem with 3rd

CX81801 Datasheet (HTML) - Synaptics Incorporated.


CX81801 Product details

Introduction

Overview

The Conexant® SmartV.XX Modem is a full-featured, worldwide, controller-based modem that integrates modem controller (MCU), modem data pump (MDP), 256 KB ROM, 32 KB RAM, and SmartDAA system side device (SSD) functions onto a single die.

The modem operates by executing firmware from internal ROM and RAM. Optional customized firmware is supported with optional external flash ROM memory. Additionally, added/modified country profiles are supported by internal SRAM patch (maximum of one profile) or serial EEPROM. Downloadable architecture supports downloading of customized MCU firmware from the host/DTE to the SmartV.XX modem.



Features

General Modem Features

• Data modem

   − Quick connect, Modem-on-Hold, and PCM upstream functions (V.92 models)

   − ITU-T V.92/V.90 (V.92 models), V.34 (V.92 and V.34 models), V.32bis, V.32, V.29, FastPOS (V.29), V.22 bis, V.22, V.22 Fast Connect, V.23, V.21, Bell 212A, and Bell 103

   − V.250 and V.251 commands

• Data compression and error correction

   − V.44 data compression

   − V.42 bis and MNP 5 data compression

   − V.42 LAPM and MNP 2-4 error correction

• Fax modem send and receive rates up to 14.4 kbps

   − V.17, V.29, V.27 ter, and V.21 channel 2

   − EIA/TIA 578 Class 1 and T.31 Class 1.0

• V.80 synchronous access mode supports host-controlled communication protocols with H.324 interface support

• Interfaces to optional external ROM/flash ROM, RAM, and/or optional serial EEPROM

• Data/Fax/Voice call discrimination

• Hardware-based modem controller

• Hardware-based digital signal processor (DSP)

• Worldwide operation

   − Complies to TBR21 and other country requirements

   − On-hook and/or off-hook Caller ID detection for selected countries

   − Call progress, blacklisting

   − Internal ROM includes default values for 29 countries

   − Additional and modified country profile can be stored in internal SRAM

• Caller waiting detection

• Caller ID detect

   − On-hook Caller ID detection

   − Off-hook Call Waiting Caller ID detection during data mode in V.92, V.90, V.34, V.32bis, and V.32

• Distinctive ring detect

• Modem customization available through patch code that can be stored in optional serial EEPROM or internal SRAM

• Telephony/TAM

   − V.253 commands

   − 2-bit and 4-bit Conexant ADPCM, 8-bit linear PCM, and 4-bit IMA coding

   − 8 kHz sample rate

   − Concurrent DTMF, ring, and Caller ID detection

• Full-duplex speakerphone (FDSP) mode using optional CX20442 Voice Codec (S models)

   − Microphone and speaker interface

   − Telephone handset or headset interface

   − Acoustic and line echo cancellation

   − Microphone gain and muting

   − Speaker volume control and muting

• Built-in host/DTE interface

   − Parallel 16550A UART-compatible interface up to 230.4 kbps

   − Serial ITU-T V.24 (EIA/TIA-232-E) logical interface up to 115.2 kbps

• Downloadable architecture

• Direct mode (serial DTE interface)

• Flow control and speed buffering

• Automatic format/speed sensing

• Serial async/sync data; parallel async data

• Thin packages support low profile designs (1.6 mm max. height)

   − CX81801 Modem device in 128-pin TQFP

   − CX20493 LSD in 28-pin QFN

   − CX20442 VC in 32-pin TQFP

• +3.3V operation with +5V tolerant digital inputs

• Typical power use

   − CX81801 and CX20493: 209 mW (Normal Mode); 59 mW (Sleep Mode)

   − CX20442: 5 mW (Normal Mode)



SmartDAA Features

• System side powered DAA operates under poor line current supply conditions

• Modem Wake-on-Ring

• Ring detection

• Line current loss detection

• Pulse dialing

• Line-in-use detection during on-hook operation

• Remote hang-up detection for efficient call termination

• Extension pickup detection

• Digital PBX line protection

• Meets worldwide DC Voltage/Current (VI) masks requirements



Applications

• Set top boxes

• Gaming devices

• Point of sale terminals

• Remote monitoring and data collections systems

• Handheld computers

• Other embedded systems



 




Similar Part No. - CX81801

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX81801 CONEXANT-CX81801 Datasheet
535Kb / 94P
SmartV.XX Modem
CX81801-72 CONEXANT-CX81801-72 Datasheet
535Kb / 94P
SmartV.XX Modem
CX81801-73 CONEXANT-CX81801-73 Datasheet
535Kb / 94P
SmartV.XX Modem
CX81801-74 CONEXANT-CX81801-74 Datasheet
535Kb / 94P
SmartV.XX Modem
CX81801-7X CONEXANT-CX81801-7X Datasheet
535Kb / 94P
SmartV.XX Modem
More results


Similar Description - CX81801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
2400bps Serial Input Component Modem
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
General Purpose Wireless Serial Modem
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
SERIAL TO PARALLEL
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
805U-D Wireless Serial Modem
455U-D-H COOPER-455U-D-H Datasheet
365Kb / 3P
455U-D Wireless Serial Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
19200 baud serial wireless modem
logo
PHOENIX CONTACT
104460 PHOENIX-104460 Datasheet
285Kb / 9P
PSI-MODEM-SHDSL/SERIAL
logo
Advantech Co., Ltd.
9PMDS ADVANTECH-9PMDS Datasheet
441Kb / 1P
Serial Modem Data Splitters
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com