Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADADC84 Datasheet (PDF) - Analog Devices

ADADC84 Datasheet PDF - Analog Devices
Part # ADADC84
Download  ADADC84 Download
File Size   629.45 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description FAST, COMPLETE 12-BIT A/D CONVERTERS

ADADC84 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADADC84 Datasheet PDF - Analog Devices

Part # ADADC84
Download  ADADC84 Click to download

File Size   629.45 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description FAST, COMPLETE 12-BIT A/D CONVERTERS

ADADC84 Datasheet (HTML) - Analog Devices


ADADC84 Product details

PRODUCT DESCRIPTION
The AD ADC84/AD ADC85 series devices are high speed, low cost 12-bit successive approximation analog-to-digital converters that include an internal clock, reference, and comparator. Its hybrid IC design utilizes MSI digital and linear monolithic chips in conjunction with a 12-bit monolithic DAC to provide modular performance and versatility with IC size, price, and reliability.

FEATURES
Performance
    Complete 12-Bit A/D Converter with Reference and Clock
    Fast Successive Approximation Conversion: 10 µs or 5 µs
    Buried Zener Reference for Long Term Stability and Low Gain TC: 10 ppm/°C
    Max Nonlinearity: < ±0.012%
    Low Power: 880 mW typ
    Low Chip Count — High Reliability
    Industry Standard Pinout
    "Z" Models for ±12 V Operation Available
    MIL-STD-883B Processing Available

Versatility
    Negative True Parallel or Logic Outputs
    Short Cycle Capability
    Precision +6.3 V Reference for External Applications




Similar Part No. - ADADC84

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
More results


Similar Description - ADADC84

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD578 AD-AD578 Datasheet
464Kb / 8P
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS
AD674B AD-AD674B Datasheet
247Kb / 12P
Complete 12-Bit A/D Converters
4/02-REV.C
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
Complete Low Cost 12-Bit D/A Converters
REV. B
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD578 AD-AD578_15 Datasheet
3Mb / 11P
VERY FAST COMPLETE 10 OR 12 BIT A/D CONVERTERS
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
Fast, Complete 12-Bit A/D Converters
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com