Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG419 Datasheet (PDF) - Analog Devices

ADG419 Datasheet PDF - Analog Devices
Part # ADG419
Download  ADG419 Download
File Size   113.54 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision Mini-DIP Analog Switch

ADG419 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG419 Datasheet PDF - Analog Devices

Part # ADG419
Download  ADG419 Click to download

File Size   113.54 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision Mini-DIP Analog Switch

ADG419 Datasheet (HTML) - Analog Devices


ADG419 Product details

GENERAL DESCRIPTION
The ADG419 is a monolithic CMOS SPDT switch. This switch is designed on an enhanced LC2MOS process that provides low power dissipation yet gives high switching speed, low on resistance and low leakage currents.
The on resistance profile of the ADG419 is very flat over the full analog input range, ensuring excellent linearity and low distor ion. The part also exhibits high switching speed and high signal bandwidth. CMOS construction ensures ultralow power dissipation, making the parts ideally suited for portable and battery powered instruments.
Each switch of the ADG419 conducts equally well in both directions when ON and has an input signal range that extends to the supplies. In the OFF condition, signal levels up to the supplies are blocked. The ADG419 exhibits break-before make switching action.

FEATURES
   44 V Supply Maximum Ratings
   VSS to VDD Analog Signal Range
   Low On Resistance (< 35 V)
   Ultralow Power Dissipation (< 35 mW)
   Fast Transition Time (160 ns max)
   Break-Before-Make Switching Action
   Plug-In Replacement for DG419

APPLICATIONS
   Precision Test Equipment
   Precision Instrumentation
   Battery Powered Systems
   Sample Hold Systems




Similar Part No. - ADG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG419BN AD-ADG419BN Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BNZ1 AD-ADG419BNZ1 Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BR AD-ADG419BR Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BR-REEL AD-ADG419BR-REEL Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BR-REEL7 AD-ADG419BR-REEL7 Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
More results


Similar Description - ADG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
ADG417 AD-ADG417 Datasheet
91Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV.A
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
logo
Analog Devices
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
Analog Devices
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
LC MOS Precision Mini-DIP Analog Switch
REV. B
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com