Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG528A Datasheet (PDF) - Analog Devices

ADG528A Datasheet PDF - Analog Devices
Part # ADG528A
Download  ADG528A Download
File Size   673.63 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS

ADG528A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG528A Datasheet PDF - Analog Devices

Part # ADG528A
Download  ADG528A Click to download

File Size   673.63 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS

ADG528A Datasheet (HTML) - Analog Devices


ADG528A Product details

GENERAL DESCRIPTION
The ADG528A and ADG529A are CMOS monolithic analog multiplexers with eight channels and four dual channels, respectively. On-chip latches facilitate microprocessor interfacing. The ADG528A switches one of eight inputs to a common output, depending on the state of three binary addresses and an enable input. The ADG529A switches one of four differential inputs to a common differential output, depending on the state of two binary addresses and an enable input. Both devices have TTL and 5 V CMOS logic-compatible digital inputs.

FEATURES
    44 V Supply Maximum Rating
    VSS to VDD Analog Signal Range
    Single-/Dual-Supply Specifications
    Wide Supply Ranges (10.8 V to 16.5 V)
    Microprocessor Compatible (100 ns WR Pulse)
    Extended Plastic Temperature Range (–40°C to +85°C)
    Low Leakage (20 pA typ)
    Low Power Dissipation (28 mW max)
    Available in 18-Lead DIP/SOIC and 20-Lead PLCC Packages
    Superior Alternative to: DG528 DG529




Similar Part No. - ADG528A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG528A AD-ADG528A Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
146Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
222Kb / 13P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. C
ADG528ABCHIPS AD-ADG528ABCHIPS Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Similar Description - ADG528A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG526A AD-ADG526A Datasheet
463Kb / 8P
CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
ADG526A AD-ADG526A_08 Datasheet
422Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com