Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG661 Datasheet (PDF) - Analog Devices

ADG661 Datasheet PDF - Analog Devices
Part # ADG661
Download  ADG661 Download
File Size   123.36 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision 5 V Quad SPST Switches

ADG661 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG661 Datasheet PDF - Analog Devices

Part # ADG661
Download  ADG661 Click to download

File Size   123.36 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision 5 V Quad SPST Switches

ADG661 Datasheet (HTML) - Analog Devices


ADG661 Product details

GENERAL DESCRIPTION
The ADG661, ADG662 and ADG663 are monolithic CMOS devices comprising four independently selectable switches. These switches feature low, well-controlled on resistance and wide analog signal range, making them ideal for precision analog signal switching.

FEATURES
   +5 V, 65 V Power Supplies
   Ultralow Power Dissipation (<0.5 μW)
   Low Leakage (<100 pA)
   Low On Resistance (<50 Ω)
   Fast Switching Times
   Low Charge Injection
   TTL/CMOS Compatible
   TSSOP Package

APPLICATIONS
   Battery Powered Instruments
   Single Supply Systems
   Remote Powered Equipment
   +5 V Supply Systems
   Computer Peripherals such as Disk Drives
   Precision Instrumentation
   Audio and Video Switching
   Automatic Test Equipment
   Precision Data Acquisition
   Sample Hold Systems
   Communication Systems




Similar Part No. - ADG661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG661 AD-ADG661 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
ADG661BRU AD-ADG661BRU Datasheet
131Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
More results


Similar Description - ADG661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
LC2MOS Precision Quad SPST Switches
REV.A
ADG431 AD-ADG431 Datasheet
119Kb / 8P
LC2MOS Precision Quad SPST Switches
REV.B
ADG511 AD-ADG511 Datasheet
124Kb / 11P
LC2MOS Precision 5 V/3 V Quad SPST Switches
REV.B
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
LC2MOS Precision Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com