Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG741 Datasheet (PDF) - Analog Devices

ADG741 Datasheet PDF - Analog Devices
Part # ADG741
Download  ADG741 Download
File Size   118.9 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 2ohm SPST Switches in SC70 Packages

ADG741 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG741 Datasheet PDF - Analog Devices

Part # ADG741
Download  ADG741 Click to download

File Size   118.9 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 2ohm SPST Switches in SC70 Packages

ADG741 Datasheet (HTML) - Analog Devices


ADG741 Product details

GENERAL DESCRIPTION
The ADG741/ADG742 are monolithic CMOS SPST switches.
These switches are designed using an advanced submicron process that provides low power dissipation, yet offers high switching speed, low on resistance, and low leakage currents. In addition, −3 dB bandwidths of greater than 200 MHz can be achieved.

FEATURES
    1.8 V to 5.5 V single supply
    2 Ω (typ) on resistance
    Low on resistance flatness
    −3 dB bandwidth >200 MHz
    Rail-to-rail operation
    6-lead and 5-lead SC70 packages
    Fast switching times tON 18 ns tOFF 12 ns
    Typical power consumption (<0.01 µW)
    TTL-/CMOS-compatible

APPLICATIONS
    Battery-powered systems
    Communication systems
    Sample-and-hold systems
    Audio signal routing
    Video switching
    Mechanical reed relay replacement




Similar Part No. - ADG741

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
CMOS Low Voltage
REV. A
More results


Similar Description - ADG741

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
CMOS Low Voltage 2ohm SPST Switches
REV.A
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4715 MAXIM-MAX4715 Datasheet
199Kb / 8P
0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG841 AD-ADG841_15 Datasheet
553Kb / 16P
Single SPST Switches in SC70
REV. 0
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
Single SPST Switches in SC70
REV. 0
logo
Maxim Integrated Produc...
MAX4715 MAXIM-MAX4715_V01 Datasheet
1Mb / 9P
0.4廓, Low-Voltage, Single-Supply SPST Analog Switches in SC70
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com