Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG749 Datasheet (PDF) - Analog Devices

ADG749 Datasheet PDF - Analog Devices
Part # ADG749
Download  ADG749 Download
File Size   126.17 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 2.5ohm SPDT Switch In SC70 Package

ADG749 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG749 Datasheet PDF - Analog Devices

Part # ADG749
Download  ADG749 Click to download

File Size   126.17 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 2.5ohm SPDT Switch In SC70 Package

ADG749 Datasheet (HTML) - Analog Devices


ADG749 Product details

GENERAL DESCRIPTION
The ADG749 is a monolithic CMOS SPDT switch. This switch is designed on a submicron process that provides low power dissipation yet gives high switching speed, low on resistance and low leakage currents.

FEATURES
    1.8 V to 5.5 V Single Supply
    5  (Max) On Resistance
    0.75  (Typ) On-Resistance Flatness
    –3 dB Bandwidth >200 MHz
    Rail-to-Rail Operation
    6-Lead SC70 Package
    Fast Switching Times tON 20 ns tOFF 6 ns
    Typical Power Consumption (<0.01 W)
    TTL/CMOS-Compatible

APPLICATIONS
    Battery-Powered Systems
    Communication Systems
    Sample Hold Systems
    Audio Signal Routing
    Video Switching
    Mechanical Reed Relay Replacement




Similar Part No. - ADG749

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG749 AD-ADG749 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-R2 AD-ADG749BKSZ-R2 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-REEL AD-ADG749BKSZ-REEL Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
More results


Similar Description - ADG749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
MAX4714 MAXIM-MAX4714 Datasheet
192Kb / 8P
0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
Rev 0; 4/01
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167 Datasheet
408Kb / 10P
600MHz Low Voltage SPDT Analog Switch in 6-pin SC70
logo
Analog Devices
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
logo
Maxim Integrated Produc...
MAX4599EUT MAXIM-MAX4599EUT Datasheet
263Kb / 9P
Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 2; 2/04
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157_15 Datasheet
319Kb / 11P
Low Voltage SPDT Analog Switch in 6-Pin SC70
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
logo
Maxim Integrated Produc...
MAX4714 MAXIM-MAX4714_V01 Datasheet
319Kb / 9P
0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com