Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R5-30YL Datasheet (PDF) - NXP Semiconductors

PSMN2R5-30YL Datasheet PDF - NXP Semiconductors
Part # PSMN2R5-30YL
Download  PSMN2R5-30YL Download
File Size   417.64 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 30 V 2.4 m廓 logic level MOSFET in LFPAK

PSMN2R5-30YL Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R5-30YL Datasheet PDF - NXP Semiconductors

Part # PSMN2R5-30YL
Download  PSMN2R5-30YL Click to download

File Size   417.64 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 30 V 2.4 m廓 logic level MOSFET in LFPAK

PSMN2R5-30YL Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN2R5-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R5-30YL NXP-PSMN2R5-30YL Datasheet
189Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-10 September 2008
PSMN2R5-30YL NXP-PSMN2R5-30YL Datasheet
240Kb / 14P
N-channel TrenchMOS logic level FET
Rev. 03-28 December 2009
logo
Nexperia B.V. All right...
PSMN2R5-30YL NEXPERIA-PSMN2R5-30YL Datasheet
985Kb / 14P
N-channel 30 V 2.4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
logo
NXP Semiconductors
PSMN2R5-30YL NXP-PSMN2R5-30YL_09 Datasheet
240Kb / 14P
N-channel TrenchMOS logic level FET
Rev. 03-28 December 2009
More results


Similar Description - PSMN2R5-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R3-30YL NXP-PSMN1R3-30YL Datasheet
221Kb / 14P
N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Rev. 02-25 June 2009
PSMN1R7-30YL NXP-PSMN1R7-30YL_10 Datasheet
445Kb / 13P
N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 04-20 April 2010
PSMN1R5-30YL NXP-PSMN1R5-30YL Datasheet
428Kb / 15P
N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010
PSMN2R2-25YLC NXP-PSMN2R2-25YLC Datasheet
350Kb / 15P
N-channel 25 V 2.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN1R7-30YL NXP-PSMN1R7-30YL_11 Datasheet
305Kb / 15P
N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011
PSMN9R5-30YLC NXP-PSMN9R5-30YLC Datasheet
299Kb / 15P
N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK using
Rev. 2-1 September 2011
PSMN2R0-30YL NXP-PSMN2R0-30YL_11 Datasheet
247Kb / 14P
N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
Rev. 4-10 March 2011
PSMN2R0-30YLE PHILIPS-PSMN2R0-30YLE_15 Datasheet
229Kb / 13P
-channel 30 V 2 m廓 logic level MOSFET in LFPAK
12 October 2012
logo
Nexperia B.V. All right...
PSMN2R0-30YLE NEXPERIA-PSMN2R0-30YLE Datasheet
738Kb / 13P
N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
PSMN2R5-30YL NEXPERIA-PSMN2R5-30YL Datasheet
985Kb / 14P
N-channel 30 V 2.4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com